Part Number Hot Search : 
SDTR1103 BAS16J AS339 BLF2043 SAA71 TBU606G 330M10 U30D30
Product Description
Full Text Search
 

To Download KDB2532 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOSFET
N-Channel PowerTrench MOSFET KDB2532(FDB2532)
TO-263
Features
+0.1 1.27-0.1
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
rDS(ON) = 14m
(Typ.), VGS = 10V, ID = 33A
Qg(tot) = 82nC (Typ.), VGS = 10V
+0.2 8.7-0.2
Low QRR Body Diode UIS Capability (Single Pulse and Repetitive Pulse)
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
+0.2 5.28-0.2
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
+0.2 2.54-0.2
0.4
+0.2 -0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current-Continuous TC=25 TA=25 Power dissipation Derate above 25 Thermal Resistance Junction to Ambient Channel temperature Storage temperature ReJA Tch Tstg PD Symbol VDSS VGSS ID Rating 150 20 79 8 310 2.07 43 175 -55 to +175 Unit V V A A W W/ /W
5.60
1 Gate 2 Drain 3 Source
Low Miller Charge
www.kexin.com.cn
1
SMD Type
MOSFET
KDB2532(FDB2532)
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Drain cut-off current Gate leakage current Gate threshold voltage Symbol VDSS IDSS IGSS VGS(th) ID=250iA Testconditons VGS=0V Min 150 1 250 100 2.0 4.0 0.014 0.016 0.016 0.024 0.040 0.048 5870 VDS=25V,VGS=0,f=1MHZ 615 135 VGS = 0V to 10V VGS = 0V to 2V VDS = 75V, Ig=1.0mA ID = 33A 82 11 23 13 19 69 16 VDD = 75V, ID = 33A VGS = 10V, RGS = 3.6 30 39 17 84 ISD = 33A, diSD/dt = 100A/is ISD = 33A, diSD/dt = 100A/is ISD = 33A ISD = 16A 105 327 1.25 1.0 107 14 pF pF pF nC nC nC nC nC ns ns ns ns ns ns ns nC V V U Typ Max Unit V A nA V
VDS=120V,VGS=0 VDS=120V,VGS=0,TC=150 VGS= 20V VDS = VGS, ID = 250iA VGS=10V,ID=33A
Drain to source on-state resistance
RDS(on)
VGS=6V,ID=16A VGS=10V,ID=33A,TC=175
Input capacitance Output capacitance Reverse transfer capacitance Total Gate Charge at 10V Threshold Gate Charge Gate to Source Gate Charge Gate Charge Threshold to Plateau Gate to Drain "Miller" Charge Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time Reverse Recovery Time Reverse Recovered Charge Source to Drain Diode Voltage
Ciss Coss Crss Qg(TOT) Qg(TH) Qgs Qgs2 Qgd tON td(ON) tr td(OFF) tf tOFF trr QRR VSD
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KDB2532

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X